| 전자부품 데이터시트 검색엔진 |
|
STM32F051K6 데이터시트(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051K6 데이터시트(HTML) 81 Page - STMicroelectronics |
|
81 / 104 page ![]() Electrical characteristics STM32F051x 82/105 Doc ID 022265 Rev 3 6.3.17 Comparator characteristics Table 58. Comparator characteristics Symbol Parameter Conditions Min Typ Max(1) Unit VDDA Analog supply voltage 2 - 3.6 V VIN Comparator input voltage range 0- VDDA VBG Scaler input voltage - 1.2 VSC Scaler offset voltage - ±5 ±10 mV tS_SC Scaler startup time from power down -- 0.1 ms tSTART Comparator startup time Startup time to reach propagation delay specification - - 60 µs tD Propagation delay for 200 mV step with 100 mV overdrive Ultra-low power mode - 2 4.5 µs Low power mode - 0.7 1.5 Medium power mode - 0.3 0.6 High speed power mode VDDA ≥ 2.7 V - 50 100 ns VDDA < 2.7 V - 100 240 Propagation delay for full range step with 100 mV overdrive Ultra-low power mode - 2 7 µs Low power mode - 0.7 2.1 Medium power mode - 0.3 1.2 High speed power mode VDDA ≥ 2.7 V - 90 180 ns VDDA < 2.7 V - 110 300 Voffset Comparator offset error - ±4 ±10 mV dVoffset/dT Offset error temperature coefficient -18 - µV/°C IDD(COMP) COMP current consumption Ultra-low power mode - 1.2 1.5 µA Low power mode - 3 5 Medium power mode - 10 15 High speed power mode - 75 100 |