| 전자부품 데이터시트 검색엔진 |
|
M68ICS08GR 데이터시트(PDF) 286 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR 데이터시트(HTML) 286 Page - Freescale Semiconductor, Inc |
|
286 / 408 page ![]() System Integration Module (SIM) Technical Data MC68HC908GR8 — Rev 4.0 286 System Integration Module (SIM) MOTOROLA 19.6.1.2 SWI Instruction The SWI instruction is a non-maskable instruction that causes an interrupt regardless of the state of the interrupt mask (I bit) in the condition code register. NOTE: A software interrupt pushes PC onto the stack. A software interrupt does not push PC – 1, as a hardware interrupt does. 19.6.1.3 Interrupt Status Registers The flags in the interrupt status registers identify maskable interrupt sources. Table 19-3 summarizes the interrupt sources and the interrupt status register flags that they set. The interrupt status registers can be useful for debugging. Table 19-3. Interrupt Sources Priority Interrupt Source Interrupt Status Register Flag Highest Reset — Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |