| 전자부품 데이터시트 검색엔진 |
|
M68ICS08GR 데이터시트(PDF) 76 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR 데이터시트(HTML) 76 Page - Freescale Semiconductor, Inc |
|
76 / 408 page ![]() Resets and Interrupts Technical Data MC68HC908GR8 — Rev 4.0 76 Resets and Interrupts MOTOROLA 4.4.3.1 Interrupt Status Register 1 IF6–IF1 — Interrupt Flags 6–1 These flags indicate the presence of interrupt requests from the sources shown in Table 4-2. 1 = Interrupt request present 0 = No interrupt request present Bit 1 and Bit 0 — Always read 0 4.4.3.2 Interrupt Status Register 2 IF14–IF7 — Interrupt Flags 14–7 These flags indicate the presence of interrupt requests from the sources shown in Table 4-2. 1 = Interrupt request present 0 = No interrupt request present Address: $FE04 Bit 7 654321 Bit 0 Read: IF6 IF5 IF4 IF3 IF2 IF1 0 0 Write: RRRRRRRR Reset: 00000000 R = Reserved Figure 4-7. Interrupt Status Register 1 (INT1) Address: $FE05 Bit 7 654321 Bit 0 Read: IF14 IF13 IF12 IF11 IF10 IF9 IF8 IF7 Write: RRRRRRRR Reset: 00000000 R = Reserved Figure 4-8. Interrupt Status Register 2 (INT2) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |