| 전자부품 데이터시트 검색엔진 |
|
M68ICS08GR 데이터시트(PDF) 151 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08GR 데이터시트(HTML) 151 Page - Freescale Semiconductor, Inc |
|
151 / 408 page ![]() Central Processing Unit (CPU) Instruction Set Summary MC68HC908GR8 — Rev 4.0 Technical Data MOTOROLA Central Processing Unit (CPU) 151 INC opr INCA INCX INC opr,X INC ,X INC opr,SP Increment M ← (M) + 1 A ← (A) + 1 X ← (X) + 1 M ← (M) + 1 M ← (M) + 1 M ← (M) + 1 ↕ –– ↕↕ – DIR INH INH IX1 IX SP1 3C 4C 5C 6C 7C 9E6C dd ff ff 4 1 1 4 3 5 JMP opr JMP opr JMP opr,X JMP opr,X JMP ,X Jump PC ← Jump Address –– ––– – DIR EXT IX2 IX1 IX BC CC DC EC FC dd hh ll ee ff ff 2 3 4 3 2 JSR opr JSR opr JSR opr,X JSR opr,X JSR ,X Jump to Subroutine PC ← (PC) + n (n = 1, 2, or 3) Push (PCL); SP ← (SP) – 1 Push (PCH); SP ← (SP) – 1 PC ← Unconditional Address –– ––– – DIR EXT IX2 IX1 IX BD CD DD ED FD dd hh ll ee ff ff 4 5 6 5 4 LDA #opr LDA opr LDA opr LDA opr,X LDA opr,X LDA ,X LDA opr,SP LDA opr,SP Load A from M A ← (M) 0 –– ↕↕ – IMM DIR EXT IX2 IX1 IX SP1 SP2 A6 B6 C6 D6 E6 F6 9EE6 9ED6 ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LDHX #opr LDHX opr Load H:X from M H:X ← (M:M + 1) 0 –– ↕↕ – IMM DIR 45 55 ii jj dd 3 4 LDX #opr LDX opr LDX opr LDX opr,X LDX opr,X LDX ,X LDX opr,SP LDX opr,SP Load X from M X ← (M) 0 –– ↕↕ – IMM DIR EXT IX2 IX1 IX SP1 SP2 AE BE CE DE EE FE 9EEE 9EDE ii dd hh ll ee ff ff ff ee ff 2 3 4 4 3 2 4 5 LSL opr LSLA LSLX LSL opr,X LSL ,X LSL opr,SP Logical Shift Left (Same as ASL) ↕ –– ↕↕ ↕ DIR INH INH IX1 IX SP1 38 48 58 68 78 9E68 dd ff ff 4 1 1 4 3 5 LSR opr LSRA LSRX LSR opr,X LSR ,X LSR opr,SP Logical Shift Right ↕ –– 0 ↕↕ DIR INH INH IX1 IX SP1 34 44 54 64 74 9E64 dd ff ff 4 1 1 4 3 5 MOV opr,opr MOV opr,X+ MOV #opr,opr MOV X+,opr Move (M)Destination ← (M)Source H:X ← (H:X) + 1 (IX+D, DIX+) 0 –– ↕↕ – DD DIX+ IMD IX+D 4E 5E 6E 7E dd dd dd ii dd dd 5 4 4 4 MUL Unsigned multiply X:A ← (X) × (A) – 0 ––– 0INH 42 5 Table 10-1. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR VH I N Z C C b0 b7 0 b0 b7 C 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |