전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123XNNSZ0F 데이터시트(PDF) 7 Page - Sharp Corporation

부품명 PC123XNNSZ0F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123XNNSZ0F 데이터시트(HTML) 7 Page - Sharp Corporation

Back Button PC123XNNSZ0F Datasheet HTML 3Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 4Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 5Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 6Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 7Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 8Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 9Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 10Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Diode Power Dissipation vs.
Ambient Temperature
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Total Power Dissipation vs. Ambient
Temperature
Fig.5 Peak Forward Current vs. Duty Ratio
Fig.6 Forward Current vs. Forward Voltage
50˚C
25˚C
0˚C
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1
−25˚C
Ta=75˚C
Forward voltage VF (V)
Duty ratio
Pulse width≤100μs
Ta=25˚C
10
100
10
−3
10
−2
10
−1
10 000
1 000
1
Ambient temperature Ta (˚C)
0
50
40
30
20
10
−30
0
25
50 55
75
100
125
Ambient temperature Ta (˚C)
0
100
80
70
60
40
20
−30
0
25
50 55
75
100
125
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com