전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123XNNSZ0F 데이터시트(PDF) 6 Page - Sharp Corporation

부품명 PC123XNNSZ0F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123XNNSZ0F 데이터시트(HTML) 6 Page - Sharp Corporation

Back Button PC123XNNSZ0F Datasheet HTML 2Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 3Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 4Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 5Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 6Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 7Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 8Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 9Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
■ Model Line-up
Lead Form
Through-Hole
Wide Through-Hole
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Sleeve
100pcs/sleeve
DIN
EN60747-5-2
Approved
Approved
Model No.
PC123XNNSZ0F PC123XNYSZ0F PC123XNNFZ0F PC123XNYFZ0F With or without
2.5 to 20
PC123X1NSZ0F PC123X1YSZ0F PC123X1NFZ0F PC123X1YFZ0F
L
2.5 to 7.5
PC123X2NSZ0F PC123X2YSZ0F PC123X2NFZ0F PC123X2YFZ0F
M
5 to 12.5
PC123X5NSZ0F PC123X5YSZ0F PC123X5NFZ0F PC123X5YFZ0F
N
10 to 20
PC123X8NSZ0F PC123X8YSZ0F PC123X8NFZ0F PC123X8YFZ0F
E
5 to 10
Lead Form
SMT Gullwing
Wide SMT Gullwing
Rank mark
IC[mA]
(IF=5mA,
VCE=5V,
Ta=25˚C)
Package
Taping
2 000pcs/reel
DIN
EN60747-5-2
Approved
Approved
Model No.
PC123XNYIP0F
PC123XNNUP0F PC123XNYUP0F With or without
2.5 to 20
PC123X1YIP0F PC123X1NUP0F PC123X1YUP0F
L
2.5 to 7.5
PC123X2YIP0F PC123X2NUP0F PC123X2YUP0F
M
5 to 12.5
PC123X5YIP0F PC123X5NUP0F PC123X5YUP0F
N
10 to 20
PC123X8YIP0F PC123X8NUP0F PC123X8YUP0F
E
5 to 10
Please contact a local SHARP sales representative to inquire about production status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com