전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123XNNSZ0F 데이터시트(PDF) 8 Page - Sharp Corporation

부품명 PC123XNNSZ0F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123XNNSZ0F 데이터시트(HTML) 8 Page - Sharp Corporation

Back Button PC123XNNSZ0F Datasheet HTML 4Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 5Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 6Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 7Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 8Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 9Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 10Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 11Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
Fig.7 Current Transfer Ratio vs.
Forward Current
Fig.8 Collector Current vs.
Collector-emitter Voltage
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Fig.11 Collector Dark Current vs.
Ambient Temperature
Fig.12 Response Time vs.
Load Resistance
0.01
0.1
1
10
100
0.1
1
10
100
VCE=2V
IC=2mA
Ta=25˚C
tr
tf
td
ts
1 000
Load resistance (kΩ)
Ambient temperature Ta (˚C)
−30
0
20406080
100
10
−11
10
−10
10
−9
10
−8
10
−7
10
−6
10
−5
VCE=50V
Forward current IF (mA)
0.1
1
10
100
0
50
100
150
200
250
300
VCE=5V
Ta=25˚C
Collector-emitter voltage VCE (V)
0123456789
10
0
6
12
18
24
30
36
42
48
54
60
Ta=25˚C
IF=
30mA
IF=
20mA
IF=10mA
IF=5mA
PC (MAX.)
50
0
100
150
0
255075
100
−30
IF=5mA
VCE=5V
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
−30
0
20406080
100
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
IF=20mA
IC=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com