전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123XNNSZ0F 데이터시트(PDF) 9 Page - Sharp Corporation

부품명 PC123XNNSZ0F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123XNNSZ0F 데이터시트(HTML) 9 Page - Sharp Corporation

Back Button PC123XNNSZ0F Datasheet HTML 5Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 6Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 7Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 8Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 9Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 10Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 11Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 12Page - Sharp Corporation PC123XNNSZ0F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Sheet No.: D2-A09501EN
PC123XNNSZ0F Series
Fig.13 Test Circuit for Response Time
Fig.14 Frequency Response
Fig.15 Collector-emitter Saturation Voltage vs.
Forward Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
VCC
90%
10%
Output
Input
RL
Input
Output
VCE
RD
tf
tr
ts
td
Please refer to the conditions in Fig.12.
Frequency (kHz)
0.1
10
100
−20
1
−15
−10
−5
0
5
VCE=5V
IC=2mA
Ta=25˚C
RL=10kΩ
1kΩ
100Ω
1 000
Forward current IF (mA)
0
2
4
6
8
101214161820
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Ta=25˚C
IC=0.5mA
1mA
3mA
7mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com