| 전자부품 데이터시트 검색엔진 |
|
PC123XNNSZ0F 데이터시트(PDF) 5 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC123XNNSZ0F 데이터시트(HTML) 5 Page - Sharp Corporation |
|
5 / 16 page ![]() 5 Sheet No.: D2-A09501EN PC123XNNSZ0F Series (Ta=25̊C) Parameter Symbol Rating Unit Input Forward current IF 50 mA *1 Peak forward current IFM 1A Reverse voltage VR 6V Power dissipation P 70 mW Output Collector-emitter voltage VCEO 70 V Emitter-collector voltage VECO 6V Collector current IC 50 mA Collector power dissipation PC 150 mW Total power dissipation Ptot 200 mW *2 Isolation voltage Viso(rms) 5 kV Operating temperature Topr −30 to +100 ̊C Storage temperature Tstg −55 to +125 ̊C *2 Soldering temperature Tsol 260 ̊C *1 Pulse width≤100ms, Duty ratio : 0.001 *2 40 to 60%RH, AC for 1 minute, f = 60Hz *3 For 10s ■ Absolute Maximum Ratings ■ Electro-optical Characteristics (Ta=25̊C) Parameter Symbol Condition MIN. TYP. MAX. Unit Input Forward voltage VF IF=20mA − 1.2 1.4 V Reverse current IR VR=4V −− 10 μA Terminal capacitance Ct V=0, f=1kHz − 30 250 pF Output Collector dark current ICEO VCE=50V, IF=0 −− 100 nA Collector-emitter breakdown voltage BVCEO IC=0.1mA, IF=0 70 −− V Emitter-collector breakdown voltage BVECO IE=10μA, IF=0 6 −− nA Transfer charac− teristics Collector current IC IF=5mA, VCE=5V 2.5 − 20 mA Collector-emitter saturation voltage VCE(sat) IF=20mA, IC=1mA − 0.1 0.2 V Isolation resistance RISO DC500V, 40 to 60%RH 5×10 10 1×10 11 −Ω Floating capacitance Cf V=0, f=1MHz − 0.6 1 pF Cut-off frequency fC VCE=5V, IC=2mA, RL=100Ω, −3dB − 80 − kHz Response time Rise time tr VCE=2V, IC=2mA, RL=100Ω − 418 μs Fall time tf − 318 μs |