전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31442 데이터시트(PDF) 23 Page - Tyco Electronics

부품명 31442
상세설명  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

31442 데이터시트(HTML) 23 Page - Tyco Electronics

Back Button 31442 Datasheet HTML 19Page - Tyco Electronics 31442 Datasheet HTML 20Page - Tyco Electronics 31442 Datasheet HTML 21Page - Tyco Electronics 31442 Datasheet HTML 22Page - Tyco Electronics 31442 Datasheet HTML 23Page - Tyco Electronics 31442 Datasheet HTML 24Page - Tyco Electronics 31442 Datasheet HTML 25Page - Tyco Electronics 31442 Datasheet HTML 26Page - Tyco Electronics 31442 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
23
Heavy Duty Ring Tongue Terminals (Continued)
Wire Size
Dimensions
Material
Circular Mils
Stud
Style
L
E
C
W
Thickness
Wire Barrel I.D. Min.
Part Numbers
[mm2]
Size
Max.
Max.
Max.
Solistrand
Solistrand
10
B
1.184
.931
.370
.500
.095
.232
2-330969-1
30.07
23.65
9.40
12.70
2.41
5.89
B
1.184
.931
.370
.500
.095
.232
330969
6
1/4
30.07
23.65
9.40
12.70
2.41
5.89
20,800–33,100
M6
C
1.415
1.100
.454
.625
.095
.232
331417
[10.5–16.8]
35.94
27.94
11.53
15.88
2.41
5.89
3/8
C
1.415
1.100
.454
.625
.095
.232
1-331417-1
35.94
27.94
11.53
15.88
2.41
5.89
B
1.230
.977
.390
.500
.095
.296
330970
1/4
31.24
24.82
9.91
12.70
2.41
7.52
4
M6
C
1.535
1.193
.456
.679
.095
.296
331420
33,100–52,600
38.99
30.30
11.58
17.25
2.41
7.52
[16.8–26.7]
5/16
C
1.535
1.193
.456
.679
.095
.296
1-331420-0
M8
38.99
30.30
11.58
17.25
2.41
7.52
3/8
C
1.535
1.193
.456
.679
.095
.296
1-331420-1
38.99
30.30
11.58
17.25
2.41
7.52
2
3/8
C
1.745
1.315
.639
.855
.095
.375
1-331423-0
52,600–83,700
44.32
33.40
16.23
21.72
2.41
9.53
[26.7–42.4]
1/2
C
1.745
1.315
.639
.855
.095
.375
1-331423-1
M12
44.32
33.40
16.23
21.72
2.41
9.53
1/0
3/8
B
1.928
1.519
.691
.822
.095
.439
1-331880-0
83,700–119,500
48.97
38.58
17.55
20.88
2.41
11.15
[42.4–60.6]
1/2
B
1.928
1.519
.691
.822
.095
.439
1-331880-1
M12
48.97
38.58
17.55
20.88
2.41
11.15
Wire Size Range
AWG 6 to 1/0,
CMA 20,800 to 119,500
[10.5 to 60.6 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60