전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31442 데이터시트(PDF) 34 Page - Tyco Electronics

부품명 31442
상세설명  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

31442 데이터시트(HTML) 34 Page - Tyco Electronics

Back Button 31442 Datasheet HTML 30Page - Tyco Electronics 31442 Datasheet HTML 31Page - Tyco Electronics 31442 Datasheet HTML 32Page - Tyco Electronics 31442 Datasheet HTML 33Page - Tyco Electronics 31442 Datasheet HTML 34Page - Tyco Electronics 31442 Datasheet HTML 35Page - Tyco Electronics 31442 Datasheet HTML 36Page - Tyco Electronics 31442 Datasheet HTML 37Page - Tyco Electronics 31442 Datasheet HTML 38Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
34
Flag Ring Tongue Terminals (Continued)
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
Style
L
C
W
Thickness
Solistrand
Solistrand
[mm2]
Size
Max.
Min.
Max.
1/4
1.733
.666
.875
.073
.444
322215-1
M6
A
44.02
16.92
22.23
1.85
11.28
1/0
5/16
1.733
.666
.875
.073
.444
321580-1
83,700–119,500
M8
A
44.02
16.92
22.23
1.85
11.28
[42.4–60.6]
3/8
1.733
.666
.875
.073
.444
321066-1
A
44.02
16.92
22.23
1.85
11.28
1/2
1.733
.666
.875
.073
.444
321123-1
M12
A
44.02
16.92
22.23
1.85
11.28
2/0
5/16
1.848
.671
.920
.083
.504
321582-1
119,500–150,500
M8
A
46.94
17.04
23.37
2.11
12.80
[60.6–76.3]
3/8
1.848
.671
.920
.083
.504
321584-1
A
46.94
17.04
23.37
2.11
12.80
3/0
2.001
.676
1.056
.094
.565
150,500–190,000
3/8
A
50.83
17.17
26.82
2.39
14.35
327887-1
[76.3–96.3]
5/16
2.131
.681
1.115
.105
.635
321277-1
4/0
M8
A
54.13
17.30
28.32
2.67
16.13
190,000-231,000
3/8
2.131
.681
1.115
.105
.635
321277-1
[96.3–117]
A
54.13
17.30
28.32
2.67
16.13
1/2
2.131
.681
1.115
.105
.635
321259-1
M12
A
54.13
17.30
28.32
2.67
16.13
Wire Size Range
AWG 1/0 to 4/0,
CMA 83,700 to 231,000
[42.4 to 117 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60