| 전자부품 데이터시트 검색엔진 |
|
31442 데이터시트(PDF) 35 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
31442 데이터시트(HTML) 35 Page - Tyco Electronics |
|
35 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 35 Parallel Splices Wire Size Dimensions Material Part Numbers Circular Mils1 L I.D. O.D. Thickness Solistrand [mm2] Max. Min. Max. Max. 22–16 .301 .061 .141 .033 34130* 509–3,260 7.65 1.55 3.58 0.84 [0.26–1.65] 16–14 .301 .085 .165 .033 34137* 2,050–5,180 7.65 2.16 4.19 0.84 [1.04–2.62] 12–10 .343 .129 .226 .042 34138* 5,180–13,100 8.71 3.28 5.74 1.07 [2.62–6.64] 8 .375 .172 .296 .051 34318* 13,100–20,800 9.53 4.37 7.52 1.30 [6.64–10.5] 6 .437 .232 .369 .060 34319* 20,800–33,100 11.10 5.89 9.37 1.52 [10.5–16.8] 4 .531 .296 .463 .073 34320* 33,100–52,600 13.49 7.52 11.76 1.85 [16.8–26.7] 2 .640 .370 .539 .073 35187* 52,600–83,700 16.26 9.40 13.69 1.85 [26.7–42.4] 1/0 .734 .444 .613 .073 36946* 83,700–119,500 18.64 11.28 15.57 1.85 [42.4–60.6] 2/0 .734 .504 .703 .083 36948* 119,500–150,500 18.64 12.80 17.86 2.11 [60.6–76.3] 3/0 .749 .565 .775 .094 36909* 150,500–190,000 19.02 14.35 19.69 2.39 [76.3–96.3] 4/0 .765 .635 .869 .105 36951* 190,000–231,000 19.43 16.13 22.07 2.67 [96.3–117] 250–300 MCM 1.062 .753 1.054 .130 322275* 231,000–300,000 26.97 19.13 26.77 3.30 [117–152] 300–350 MCM 1.124 .819 1.137 .140 322276* 300,000–380,000 28.55 20.80 28.88 3.56 [152–193] 400 MCM 1.249 .925 1.287 .158 322277* 380,000–478,000 31.72 23.50 32.69 4.01 [193–242] 500–600 MCM 1.421 1.070 1.483 .182 322278* 478,000–600,000 36.09 27.18 37.67 4.62 [242–304] *Part numbers are available in small quantity packages. 1 When terminating two or more wires in a parallel splice, the combined cross sectional area must be within the listed circular mil area range (CMA). Wire Size Range AWG 22 to 600 MCM, CMA 509 to 600,000 [0.26 to 304 mm2] Material Splice Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 |