전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31442 데이터시트(PDF) 38 Page - Tyco Electronics

부품명 31442
상세설명  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

31442 데이터시트(HTML) 38 Page - Tyco Electronics

Back Button 31442 Datasheet HTML 34Page - Tyco Electronics 31442 Datasheet HTML 35Page - Tyco Electronics 31442 Datasheet HTML 36Page - Tyco Electronics 31442 Datasheet HTML 37Page - Tyco Electronics 31442 Datasheet HTML 38Page - Tyco Electronics 31442 Datasheet HTML 39Page - Tyco Electronics 31442 Datasheet HTML 40Page - Tyco Electronics 31442 Datasheet HTML 41Page - Tyco Electronics 31442 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
38
Ring Tongue Terminals
Wire Size
Dimensions
Material
Wire
Part Numbers
Circular Mils
Stud
L
E
C
W
Thickness
Insulation
Loose
Tape
[mm2]
Size
Max.
Max.
Min.
Max.
Dia. Max.
Piece
Mounted
0
.464
.391
.121
.140
.020
.082
31516
—
11.79
9.93
3.07
3.56
0.51
2.08
.464
.391
.121
.140
.020
.082
31518
2-31518-1
2
11.79
9.93
3.07
3.56
0.51
2.08
M2
.564
.481
.211
.165
.020
.082
3216211
1-321621-01
14.33
12.22
5.36
4.19
0.51
2.08
26–22
4
.585
.481
.211
.203
.020
.082
31679
2-31679-1
202–810
14.86
12.22
5.36
5.16
0.51
2.08
[0.1–0.41]
.585
.481
.211
.203
.020
.082
31681
2-31681-2
6
14.86
12.22
5.36
5.16
0.51
2.08
M3.5
.679
.551
.281
.250
.020
.082
32861
2-32861-2
17.25
14.00
7.14
6.35
0.51
2.08
8
.679
.551
.281
.250
.020
.082
32862
2-32862-1
M4
17.25
14.00
7.14
6.35
0.51
2.08
2
.600
.507
.172
.182
.033
.125
320678
—
M2
15.24
12.88
4.37
4.62
0.84
3.18
4
.603
.491
.156
.218
.033
.125
31094
—
15.32
12.47
3.96
5.54
0.84
3.18
.775
.616
.281
.312
.033
.125
30995
—
19.69
15.65
7.14
7.92
0.84
3.18
.603
.491
.156
.218
.033
.125
31096
2-31096-1
15.32
12.47
3.96
5.54
0.84
3.18
.775
.616
.281
.312
.033
.140
31159
2-31159-1
6
19.69
15.65
7.14
7.92
0.84
3.56
M3.5
.728
.585
.250
.281
.033
.125
31269
2-31269-1
18.49
14.86
6.35
7.14
0.84
3.18
.603
.491
.156
.218
.033
.140
31393
—
15.32
12.47
3.96
5.54
0.84
3.56
.728
.585
.250
.281
.033
.140
31396
2-31396-2
22–16
18.49
14.86
6.35
7.14
0.84
3.56
509–3,260
.775
.616
.281
.312
.033
.125
30996
2-30996-1
[0.26–1.65]
19.69
15.65
7.14
7.92
0.84
3.18
.775
.616
.281
.312
.033
.140
31160
2-31160-1
8
19.69
15.65
7.14
7.92
0.84
3.56
M4
.728
.585
.250
.281
.033
.125
31270
2-31270-1
18.49
14.86
6.35
7.14
0.84
3.18
.728
.585
.250
.281
.033
.140
31397
2-31397-1
18.49
14.86
6.35
7.14
0.84
3.56
.775
.616
.281
.312
.033
.125
30997
2-30997-1
19.69
15.65
7.14
7.92
0.84
3.18
10
.775
.616
.281
.312
.033
.140
31161
2-31161-1
19.69
15.65
7.14
7.92
0.84
3.56
.728
.585
.250
.281
.033
.140
31398
2-31398-1
18.49
14.86
6.35
7.14
0.84
3.56
1.009
.772
.437
.469
.033
.140
31176
2-31176-1
1/4
25.63
19.61
11.10
11.91
0.84
3.56
M6
1.009
.772
.437
.469
.033
.125
31251
2-31251-1
25.63
19.61
11.10
11.91
0.84
3.18
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
1
Slightly unusual tongue shape.
Wire Size Range
AWG 26 to 16,
CMA 202 to 3,260
[0.1 to 1.65 mm2]
Material
Terminal Body and Sleeve —
Copper per ASTM B-152
Plating — Tin per MIL-T-10727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60