전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

31442 데이터시트(PDF) 30 Page - Tyco Electronics

부품명 31442
상세설명  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

31442 데이터시트(HTML) 30 Page - Tyco Electronics

Back Button 31442 Datasheet HTML 26Page - Tyco Electronics 31442 Datasheet HTML 27Page - Tyco Electronics 31442 Datasheet HTML 28Page - Tyco Electronics 31442 Datasheet HTML 29Page - Tyco Electronics 31442 Datasheet HTML 30Page - Tyco Electronics 31442 Datasheet HTML 31Page - Tyco Electronics 31442 Datasheet HTML 32Page - Tyco Electronics 31442 Datasheet HTML 33Page - Tyco Electronics 31442 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
30
Flanged Spade Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
L
E
C
W
X
H
Thickness
Solistrand Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Min.
Min.
Max.
2
.453
.338
.203
.182
.110
.026
.020
—
.035
—
1
324599-1
26–22
M2
11.51
8.59
5.16
4.62
2.79
0.66
0.51
0.89
202–810
4
.453
.338
.203
.193
.110
.026
.020
—
.035
—
1-
52512-1
[0.1–0.41]
11.51
8.59
5.16
4.90
2.79
0.66
0.51
0.89
6
.453
.338
.203
.250
.110
.026
.020
—
.035
—
1-
51875-1
M3.5
11.51
8.59
5.16
6.35
2.79
0.66
0.51
0.89
2
.504
.384
.203
.182
.115
.041
.033
.061
.065
2-
324605*1
1
324604-1
M2
12.80
9.75
5.16
4.62
2.92
1.04
0.84
1.55
1.65
.514
.384
.203
.296
.125
.045
.033
.061
.065
2-320749*1
1-
32418-1
6
13.06
9.75
5.16
7.52
3.18
1.14
0.84
1.55
1.65
2-320749-2
22–16
M3.5
.514
.384
.203
.250
.125
.045
.033
.061
.065
2-323136*1 1
322776-1
509–3,260
13.06
9.75
5.16
6.35
3.18
1.14
0.84
1.55
1.65
2-323136-1
[0.26–1.65]
.607
.431
.250
.416
.171
.062
.033
.061
.065
2-
323124*1
1-
32494-1
8
15.42
10.95
6.35
10.57
4.34
1.57
0.84
1.55
1.65
M4
.514
.384
.203
.296
.125
.045
.033
.061
.065
2-52730*1
1-32418-2
13.06
9.75
5.16
7.52
3.18
1.14
0.84
1.55
1.65
2-52730-1
1-32418-4
10
.514
.384
.203
.296
.125
.045
.033
—
.065
—
1
328522-1
13.06
9.75
5.16
7.52
3.18
1.14
0.84
1.65
6
.514
.384
.203
.294
.125
.047
.033
.085
.089
2-320855*1 1
320852-1
M3.5
13.06
9.75
5.16
7.47
3.18
1.19
0.84
2.16
2.26
2-320855-1
16–14
8
.514
.384
.203
.294
.125
.047
.033
.085
.089
2-320856*1 1
320853-1
2,050–5,180
M4
13.06
9.75
5.16
7.47
3.18
1.19
0.84
2.16
2.26
2-320856-1
[1.04–2.62]
10
.514
.384
.203
.294
.125
.047
.033
.085
.089
2-320857*1 1
320854-1
13.06
9.75
5.16
7.47
3.18
1.19
0.84
2.16
2.26
2-320857-1
6
.694
.518
.250
.296
.171
.052
.042
.129
.134
2-324578-0 1
324579-1
12-10
M3.5
17.63
13.16
6.35
7.52
4.34
1.32
1.07
3.28
3.40
1-324578-0
5,180–13,100
8
.694
.518
.250
.416
.171
.052
.042
.129
.134
2-
323143-0
1-
32416-1
[2.62–6.64]
M4
17.63
13.16
6.35
10.57
4.34
1.32
1.07
3.28
3.40
10
.694
.518
.250
.416
.171
.052
.042
.129
.134
2-323144-0 1
322725-1
17.63
13.16
6.35
10.57
4.34
1.32
1.07
3.28
3.40
2-323144-1
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
Wire Size Range
AWG 26 to 10,
CMA 202 to 13,100
[0.1 to 6.64 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60