전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS362T-I/P 데이터시트(PDF) 22 Page - Microchip Technology

부품명 HCS362T-I/P
상세설명  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P 데이터시트(HTML) 22 Page - Microchip Technology

Back Button HCS362T-I/P Datasheet HTML 18Page - Microchip Technology HCS362T-I/P Datasheet HTML 19Page - Microchip Technology HCS362T-I/P Datasheet HTML 20Page - Microchip Technology HCS362T-I/P Datasheet HTML 21Page - Microchip Technology HCS362T-I/P Datasheet HTML 22Page - Microchip Technology HCS362T-I/P Datasheet HTML 23Page - Microchip Technology HCS362T-I/P Datasheet HTML 24Page - Microchip Technology HCS362T-I/P Datasheet HTML 25Page - Microchip Technology HCS362T-I/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
HCS362
DS40189D-page 22
Preliminary
© 2002 Microchip Technology Inc.
6.0
INTEGRATING THE HCS362
INTO A SYSTEM
Use of the HCS362 in a system requires a compatible
decoder. This decoder is typically a microcontroller with
compatible firmware. Microchip will provide (via a
license agreement) firmware routines that accept
transmissions from the HCS362 and decrypt the
hopping code portion of the data stream. These
routines provide system designers the means to
develop their own decoding system.
6.1
Learning a Transmitter to a
Receiver
A transmitter must first be ’learned’ by a decoder before
its use is allowed in the system. Several learning strat-
egies are possible, Figure 6-1 details a typical learn
sequence. Core to each, the decoder must minimally
store each learned transmitter’s serial number and cur-
rent synchronization counter value in EEPROM. Addi-
tionally, the decoder typically stores each transmitter’s
unique crypt key. The maximum number of learned
transmitters will therefore be relative to the available
EEPROM.
A transmitter’s serial number is transmitted in the clear
but the synchronization counter only exists in the code
word’s encrypted portion. The decoder obtains the
counter value by decrypting using the same key used
to encrypt the information. The KEELOQ algorithm is a
symmetrical block cipher so the encryption and decryp-
tion keys are identical and referred to generally as the
crypt key. The encoder receives its crypt key during
manufacturing. The decoder is programmed with the
ability to generate a crypt key as well as all but one
required input to the key generation routine; typically
the transmitter’s serial number.
Figure 6-1 summarizes a typical learn sequence. The
decoder receives and authenticates a first transmis-
sion; first button press. Authentication involves gener-
ating the appropriate crypt key, decrypting, validating
the correct key usage via the discrimination bits and
buffering the counter value. A second transmission is
received and authenticated. A final check verifies the
counter values were sequential; consecutive button
presses. If the learn sequence is successfully com-
plete, the decoder stores the learned transmitter’s
serial number, current synchronization counter value
and appropriate crypt key. From now on the crypt key
will be retrieved from EEPROM during normal opera-
tion instead of recalculating it for each transmission
received.
Certain learning strategies have been patented and
care must be taken not to infringe.
FIGURE 6-1:
TYPICAL LEARN
SEQUENCE
Enter Learn
Mode
Wait for Reception
of a Valid Code
Generate Key
from Serial Number
Use Generated Key
to Decrypt
Compare Discrimination
Value with Fixed Value
Equal
Wait for Reception
of Second Valid Code
Compare Discrimination
Value with Fixed Value
Use Generated Key
to Decrypt
Equal
Counters
Encryption key
Serial number
Synchronization counter
Sequential
?
?
?
Exit
Learn successful Store:
Learn
Unsuccessful
No
No
No
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38