전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS362T-I/P 데이터시트(PDF) 9 Page - Microchip Technology

부품명 HCS362T-I/P
상세설명  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P 데이터시트(HTML) 9 Page - Microchip Technology

Back Button HCS362T-I/P Datasheet HTML 5Page - Microchip Technology HCS362T-I/P Datasheet HTML 6Page - Microchip Technology HCS362T-I/P Datasheet HTML 7Page - Microchip Technology HCS362T-I/P Datasheet HTML 8Page - Microchip Technology HCS362T-I/P Datasheet HTML 9Page - Microchip Technology HCS362T-I/P Datasheet HTML 10Page - Microchip Technology HCS362T-I/P Datasheet HTML 11Page - Microchip Technology HCS362T-I/P Datasheet HTML 12Page - Microchip Technology HCS362T-I/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS40189D-page 9
HCS362
3.1
Transmission Modulation Format
The HCS362 transmission is made up of several code
words. Each code word starts with a preamble and a
header, followed by the data (see Figure 3-1 and
Figure 3-2).
The code words are separated by a Guard Time that
can be set to 0 ms, 6.4 ms, 25.6 ms or 76.8 ms with the
Guard Time Select (GUARD[0..1]) configuration
option. All other timing specifications for the modulation
formats are based on a basic timing element (TE). This
Timing Element can be set to 100
µs, 200 µs, 400 µs
or 800
µs with the Baud Rate Select (BSEL[0..1])
configuration option. The Header Time can be set to
3TE or 10 TE with the Header Select (HEADER) Con-
figuration option.
There are two different modulation formats available on
the HCS362 that can be set according to the Modula-
tion Select (MOD) configuration option:
• Pulse Width Modulation (PWM)
• Manchester Encoding
The various formats are shown in Figure 3-3 and
Figure 3-4.
FIGURE 3-2:
CODE WORD TRANSMISSION SEQUENCE
FIGURE 3-3:
TRANSMISSION FORMAT (PWM)
FIGURE 3-4:
TRANSMISSION FORMAT (MANCHESTER)
Header
Encrypt
Fixed
Guard
1 CODE WORD
Preamble
Encrypt
Preamble
Header
LOGIC "1"
Guard
Time
31 TE
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Preamble
3-10
Header
TE
TE
TE
TE
1
16
TBP
Guard
Preamble
Header
Encrypted
Fixed Code
1
2
START bit
STOP bit
Time
Portion
Portion
16
bit 0 bit 1 bit 2
LOGIC "0"
LOGIC "1"
TE
TE
TBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38