| 전자부품 데이터시트 검색엔진 |
|
HCS362T-I/P 데이터시트(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS362T-I/P 데이터시트(HTML) 25 Page - Microchip Technology |
|
25 / 38 page ![]() © 2002 Microchip Technology Inc. Preliminary DS40189D-page 25 HCS362 7.0 ELECTRICAL CHARACTERISTICS TABLE 7-1: ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Units VDD Supply voltage -0.3 to 6.6 V VIN Input voltage -0.3 to VDD + 0.3 V VOUT Output voltage -0.3 to VDD + 0.3 V IOUT Max output current 20 mA TSTG Storage temperature -55 to +125 °C TLSOL Lead soldering temperature 300 °C VESD ESD rating 4,000 V Note: Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to the device. TABLE 7-2: DC CHARACTERISTICS Industrial (I): TAMB = -40 °C to +85 °C 2.0V < VDD < 6.3 Parameter Sym. Min. Typ.(1) Max. Unit Conditions Operating current (avg.) ICC —0.3 1.2 mA VDD = 6.3V Standby current ICCS —0.1 1.0 µAVDD = 6.3V Auto-shutoff current(2,3) ICCS —40 75 µA— High level Input voltage VIH 0.65 VDD —VDD + 0.3 V VDD = 2.0V Low level input voltage VIL -0.3 — 0.15 VDD VVDD = 2.0V High level output voltage VOH 0.7 VDD 0.7 VDD —— V IOH = -1.0 mA, VDD = 2.0V IOH = -2.0 mA, VDD = 6.3V Low level output voltage VOL — — 0.15 VDD 0.15 VDD VIOL = 1.0 mA, VDD = 2.0V IOL = 2.0 mA, VDD = 6.3V RFEN pin high drive IRFEN 0.5 1.0 1 2.5 3.0 5.0 mA VRFEN = 1.4V VDD = 2.0V VRFEN = 4.4V VDD = 6.3V LED sink current ILEDL ILEDH 1.0 2.0 3.5 4.5 6.0 7.0 mA mA VLED = 1.5V, VDD = 3.0V VLED = 1.5V, VDD = 6.3V Pull-down Resistance; S0-S3 RS0-3 40 60 80 K Ω VDD = 4.0V Pull-down Resistance; PWM RPWM 80 120 160 K Ω VDD = 4.0V Note 1: Typical values are at 25 °C. 2: Auto-shutoff current specification does not include the current through the input pull-down resistors. 3: These values are characterized but not tested. |