전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCS362T-I/P 데이터시트(PDF) 12 Page - Microchip Technology

부품명 HCS362T-I/P
상세설명  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P 데이터시트(HTML) 12 Page - Microchip Technology

Back Button HCS362T-I/P Datasheet HTML 8Page - Microchip Technology HCS362T-I/P Datasheet HTML 9Page - Microchip Technology HCS362T-I/P Datasheet HTML 10Page - Microchip Technology HCS362T-I/P Datasheet HTML 11Page - Microchip Technology HCS362T-I/P Datasheet HTML 12Page - Microchip Technology HCS362T-I/P Datasheet HTML 13Page - Microchip Technology HCS362T-I/P Datasheet HTML 14Page - Microchip Technology HCS362T-I/P Datasheet HTML 15Page - Microchip Technology HCS362T-I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
HCS362
DS40189D-page 12
Preliminary
© 2002 Microchip Technology Inc.
3.1.4
MINIMUM CODE WORDS
MTX[0..1]
configuration bits selects the minimum
number of code words that will be transmitted. If the
button is released after 1.6 s (or greater) and MTX code
words have been transmitted, the code word being
transmitted will be terminated. The possible values are:
00
- 1
01
- 2
10
- 4
11
- 8
3.1.5
TIME BITS
The time bits indicate the duration that the inputs were
activated:
00
- immediate
01
- after 0.8 s
10
- after 1.6 s
11
- after 2.4 s
The TIME bits are incremented every 0.8 s and does
not wrap once it reaches ‘11’.
Time information is alternative to the CRC bits availabil-
ity and is selected by the CTSEL configuration bit.
FIGURE 3-6:
TIME BITS OPERATION
3.2
LED Output
The LED pin will be driven LOW periodically while the
HCS362 is transmitting data, in order to switch on an
external LED.
The duty cycle (TLEDON/TLEDOFF) can be selected
between two possible values by the configuration
option (LED).
FIGURE 3-7:
LED OPERATION (LED = 1)
The same configuration option determines whether
when the VDD Voltage drops below the selected VLOW
trip point, the LED will blink only once or stop blinking.
FIGURE 3-8:
LED OPERATION (LED = 0)
TTD
Time
DATA
= One Code Word
Time bits = 00
Time bits set internally to 01
Time bits actually output
Time bits set internally to 10
Time bits actually output
0 s
0.8 s
1.6 s
2.4 s
S[3210]
S[3210]
LED
VDD > VLOW
TLEDON = 25 ms
TLEDOFF
LED
VDD < VLOW
TLEDON
TLEDOFF = 500 ms
Note:
When the HCS362 encoder is used as
a Dual Encoder the LED pin is used as
a SHIFT input (Figure 2-2). In such a
configuration the LED is always ON
during transmission. To keep power
consumption low, it is recommended
to use a series resistor of relatively
high value. VLOW information is not
available when using the
second
Encryption Key.
LED
VDD < VLOW
S[3210]
LED
VDD > VLOW
TLEDON
TLEDOFF
TLEDON = 200 ms
TLEDOFF = 800 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38