| 전자부품 데이터시트 검색엔진 |
|
HCS362T-I/P 데이터시트(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS362T-I/P 데이터시트(HTML) 19 Page - Microchip Technology |
|
19 / 38 page ![]() © 2002 Microchip Technology Inc. Preliminary DS40189D-page 19 HCS362 4.6 SYNCHRONOUS MODE In Synchronous mode, the code word can be clocked out on DATA using S2 as a clock. To enter Synchro- nous mode, DATA and S0 must be taken HIGH and then S2 is taken HIGH. After Synchronous mode is entered, S0 must be taken LOW. The data is clocked out on DATA on every rising edge of S2. Auto-shutoff timer is not disabled in Synchronous mode. This can be used to implement RF testing. FIGURE 4-1: SYNCHRONOUS TRANSMISSION MODE FIGURE 4-2: CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE) “01,10,11” DATA S2 S[1:0] TPS TPH1 TPH2 t = 50ms Preamble Header Data RFEN TRFON QUEUE (2 bits) CRC (2 bits) Vlow (1-bit) Button Status S2 S1 S0 S3 Serial Number (28 bits) Button Status S2 S1 S0 S3 DISC+ OVR (12 bits) Sync Counter (16 bits) 69 Data bits Transmitted LSb first. LSb MSb Fixed Portion Encrypted Portion |