전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W25X05CLZPIG 데이터시트(PDF) 5 Page - Winbond

부품명 W25X05CLZPIG
상세설명  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG 데이터시트(HTML) 5 Page - Winbond

  W25X05CLZPIG Datasheet HTML 1Page - Winbond W25X05CLZPIG Datasheet HTML 2Page - Winbond W25X05CLZPIG Datasheet HTML 3Page - Winbond W25X05CLZPIG Datasheet HTML 4Page - Winbond W25X05CLZPIG Datasheet HTML 5Page - Winbond W25X05CLZPIG Datasheet HTML 6Page - Winbond W25X05CLZPIG Datasheet HTML 7Page - Winbond W25X05CLZPIG Datasheet HTML 8Page - Winbond W25X05CLZPIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 5 -
Revision B
3.
PIN CONFIGURATION SOIC 150-MIL, VSOP 150-MIL, TSSOP 173-MIL
Figure 1a. W25X05CL/10CL/20CL Pin Assignments, 8-pin SOIC 150-mil, VSOP 150-mil and TSSOP8 173-mil
(Package Code SN, SV and SD)
4.
PAD CONFIGURATION WSON 6X5-MM AND USON 2X3-MM
Figure 1b. W25X05CL/10CL/20CL Pad Assignments, 8-pad WSON 6x8-MM and USON 2x3-MM (Package Code ZP & UX)
5.
PIN DESCRIPTION SOIC\VSOP 150-MIL, WSON 6X5-MM AND USON 2X3-MM
PIN NO.
PIN NAME
I/O
FUNCTION
1
/CS
I
Chip Select Input
2
DO (IO1)
I/O
Data Input / Output
(1)
3
/WP
I
Write Protect Input
4
GND
Ground
5
DIO (IO0)
I/O
Data Input / Output
(1)
6
CLK
I
Serial Clock Input
7
/HOLD
I
Hold Input
8
VCC
Power Supply
Note:
1 IO0 and IO1 are used for Standard and Dual SPI instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51