| 전자부품 데이터시트 검색엔진 |
|
STM32F217VG 데이터시트(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217VG 데이터시트(HTML) 73 Page - STMicroelectronics |
|
73 / 175 page ![]() DocID17050 Rev 9 73/175 STM32F21xxx Electrical characteristics 174 6.3.5 Embedded reset and power control block characteristics The parameters given in Table 18 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 13. Table 18. Embedded reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit VPVD Programmable voltage detector level selection PLS[2:0]=000 (rising edge) 2.09 2.14 2.19 V PLS[2:0]=000 (falling edge) 1.98 2.04 2.08 V PLS[2:0]=001 (rising edge) 2.23 2.30 2.37 V PLS[2:0]=001 (falling edge) 2.13 2.19 2.25 V PLS[2:0]=010 (rising edge) 2.39 2.45 2.51 V PLS[2:0]=010 (falling edge) 2.29 2.35 2.39 V PLS[2:0]=011 (rising edge) 2.54 2.60 2.65 V PLS[2:0]=011 (falling edge) 2.44 2.51 2.56 V PLS[2:0]=100 (rising edge) 2.70 2.76 2.82 V PLS[2:0]=100 (falling edge) 2.59 2.66 2.71 V PLS[2:0]=101 (rising edge) 2.86 2.93 2.99 V PLS[2:0]=101 (falling edge) 2.65 2.84 3.02 V PLS[2:0]=110 (rising edge) 2.96 3.03 3.10 V PLS[2:0]=110 (falling edge) 2.85 2.93 2.99 V PLS[2:0]=111 (rising edge) 3.07 3.14 3.21 V PLS[2:0]=111 (falling edge) 2.95 3.03 3.09 V VPVDhyst(1) PVD hysteresis - 100 - mV VPOR/PDR Power-on/power-down reset threshold Falling edge 1.60 1.68 1.76 V Rising edge 1.64 1.72 1.80 V VPDRhyst(1) PDR hysteresis - 40 - mV VBOR1 Brownout level 1 threshold Falling edge 2.13 2.19 2.24 V Rising edge 2.23 2.29 2.33 V |