전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F217VG 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STM32F217VG
상세설명  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VG 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STM32F217VG Datasheet HTML 6Page - STMicroelectronics STM32F217VG Datasheet HTML 7Page - STMicroelectronics STM32F217VG Datasheet HTML 8Page - STMicroelectronics STM32F217VG Datasheet HTML 9Page - STMicroelectronics STM32F217VG Datasheet HTML 10Page - STMicroelectronics STM32F217VG Datasheet HTML 11Page - STMicroelectronics STM32F217VG Datasheet HTML 12Page - STMicroelectronics STM32F217VG Datasheet HTML 13Page - STMicroelectronics STM32F217VG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 175 page
background image
Introduction
STM32F21xxx
10/175
DocID17050 Rev 9
1
Introduction
This datasheet provides the description of the STM32F215xx and STM32F217xx lines of
microcontrollers. For more details on the whole STMicroelectronics STM32™ family, please
refer to Section 2.1: Full compatibility throughout the family.
The STM32F215xx and STM32F217xx datasheet should be read in conjunction with the
STM32F20x/STM32F21x reference manual. They will be referred to as STM32F21x devices
throughout the document.
For information on programming, erasing and protection of the internal Flash memory,
please refer to the STM32F20x/STM32F21x Flash programming manual (PM0059).
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex™-M3 core please refer to the Cortex™-M3 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0337e/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More