| 전자부품 데이터시트 검색엔진 |
|
STM32L151VD 데이터시트(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD 데이터시트(HTML) 38 Page - STMicroelectronics |
|
38 / 140 page ![]() Pin descriptions STM32L151xD STM32L152xD 38/140 Doc ID 022027 Rev 6 29 K2 18 11 F7 PC3 I/O PC3 LCD_SEG21/ADC_IN13/COMP1_INP /OPAMP3_VOUT 30 J1 19 12 E7 VSSA SVSSA 31 - 20 - - VREF- SVREF- 32 L1 21 - - VREF+ SVREF+ 33 M1 22 13 G8 VDDA SVDDA 34 L2 23 14 F6 PA0-WKUP1 I/O FT PA0 WKUP1/RTC_TAMP2/TIM2_CH1_ETR/TIM5_CH1/ USART2_CTS/ADC_IN0/COMP1_INP 35 M2 24 15 E6 PA1 I/O FT PA1 TIM2_CH2/TIM5_CH2/ USART2_RTS/LCD_SEG0/ ADC_IN1/COMP1_INP/OPAMP1_VINP 36 - 25 16 H8 PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/TIM9_CH1/USART2_TX/ LCD_SEG1/ADC_IN2/ COMP1_INP/OPAMP1_VINM - K3 - - - PA2 I/O FT PA2 TIM2_CH3/TIM5_CH3/TIM9_CH1/USART2_TX/ LCD_SEG1/ADC_IN2/COMP1_INP - M3 - - - OPAMP1_VINM I OPAMP1_ VINM 37 L3 26 17 G7 PA3 I/O PA3 TIM2_CH4/TIM5_CH4/TIM9_CH2/USART2_RX/ LCD_SEG2/ ADC_IN3/COMP1_INP/OPAMP1_VOUT 38 - 27 18 F5 VSS_4 SVSS_4 39 - 28 19 G6 VDD_4 SVDD_4 40 J4 29 20 H7 PA4 I/O PA4 SPI1_NSS/SPI3_NSS/I2S3_WS/USART2_CK/ ADC_IN4/DAC_OUT1/COMP1_INP 41 K4 30 21 E5 PA5 I/O PA5 TIM2_CH1_ETR/SPI1_SCK/ADC_IN5/DAC_OUT2/ COMP1_INP 42 L4 31 22 G5 PA6 I/O FT PA6 TIM3_CH1/TIM10_CH1/SPI1_MISO/LCD_SEG3/ ADC_IN6/COMP1_INP/OPAMP2_VINP 43 - 32 23 G4 PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/LCD_SEG4/ ADC_IN7/COMP1_INP/OPAMP2_VINM - J5 - - - PA7 I/O FT PA7 TIM3_CH2/TIM11_CH1/ SPI1_MOSI/LCD_SEG4/ ADC_IN7/COMP1_INP - M4 - - - OPAMP2_VINM I OPAMP2_VI NM 44 K5 33 24 H6 PC4 I/O FT PC4 LCD_SEG22/ADC_IN14/COMP1_INP 45 L5 34 25 H5 PC5 I/O FT PC5 LCD_SEG23/ADC_IN15/COMP1_INP 46 M5 35 26 H4 PB0 I/O PB0 TIM3_CH3/LCD_SEG5/ADC_IN8/COMP1_INP/ VREF_OUT/ OPAMP2_VOUT 47 M6 36 27 F4 PB1 I/O FT PB1 TIM3_CH4/LCD_SEG6/ADC_IN9/COMP1_INP/ VREF_OUT - - 37 28 H3 PB2 I/O FT PB2/BOOT1 COMP1_INP 48 L6 - - PB2 I/O FT PB2/BOOT1 ADC_IN0b/COMP1_INP Table 9. STM32L15xxD pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions |