| 전자부품 데이터시트 검색엔진 |
|
STM32L151VD 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151VD 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 140 page ![]() STM32L151xD STM32L152xD Pin descriptions Doc ID 022027 Rev 6 39/140 49 K6 - - - PF11 I/O FT PF11 ADC_IN1b/COMP1_INP 50 J7 - - - PF12 I/O FT PF12 ADC_IN2b/COMP1_INP/FSMC_A6 51 E3 - - - VSS_6 SVSS_6 52 H3 - - - VDD_6 SVDD_6 53 K7 - - - PF13 I/O FT PF13 ADC_IN3b/COMP1_INP/FSMC_A7 54 J8 - - - PF14 I/O FT PF14 ADC_IN6b/COMP1_INP/FSMC_A8 55 J9 - - - PF15 I/O FT PF15 ADC_IN7b/COMP1_INP/FSMC_A9 56 H9 - - - PG0 I/O FT PG0 ADC_IN8b/COMP1_INP/FSMC_A10 57 G9 - - - PG1 I/O FT PG1 ADC_IN9b/COMP1_INP/FSMC_A11 58 M7 38 - - PE7 I/O PE7 FSMC_D4/ADC_IN22/COMP1_INP 59 L7 39 - - PE8 I/O PE8 FSMC_D5/ADC_IN23/COMP1_INP 60 M8 - - - PE9 I/O PE9 TIM2_CH1_ETR/FSMC_D6/ ADC_IN24/COMP1_INP 61 - - - - VSS_7 SVSS_7 62 - - - - VDD_7 SVDD_7 63 L8 41 - - PE10 I/O PE10 TIM2_CH2/ FSMC_D7/ADC_IN25/COMP1_INP 64 M9 42 - - PE11 I/O FT PE11 TIM2_CH3/FSMC_D8 65 L9 43 - - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS/FSMC_D9 66 M10 44 - - PE13 I/O FT PE13 SPI1_SCK/FSMC_D10 67 M11 45 - - PE14 I/O FT PE14 SPI1_MISO/FSMC_D11 68 M12 46 - - PE15 I/O FT PE15 SPI1_MOSI/FSMC_D12 69 L10 47 29 G3 PB10 I/O FT PB10 TIM2_CH3/I2C2_SCL/USART3_TX/LCD_SEG10 70 L11 48 30 F3 PB11 I/O FT PB11 TIM2_CH4/I2C2_SDA/ USART3_RX/LCD_SEG11 71 F12 49 31 H2 VSS_1 SVSS_1 72 G12 50 32 H1 VDD_1 SVDD_1 73 L12 51 33 G2 PB12 I/O FT PB12 TIM10_CH1/I2C2_SMBA/SPI2_NSS/I2S2_WS/ USART3_CK/ LCD_SEG12/ADC_IN18/COMP1_INP 74 K12 52 34 G1 PB13 I/O FT PB13 TIM9_CH1/SPI2_SCK/ I2S2_CK/ USART3_CTS/ LCD_SEG13/ADC_IN19/COMP1_INP 75 K11 53 35 F2 PB14 I/O FT PB14 TIM9_CH2/SPI2_MISO/ USART3_RTS/LCD_SEG14/ ADC_IN20/COMP1_INP 76 K10 54 36 F1 PB15 I/O FT PB15 TIM11_CH1/SPI2_MOSI/I2S2_SD/LCD_SEG15/ ADC_IN21/COMP1_INP/RTC_REFIN 77 K9 55 - - PD8 I/O FT PD8 USART3_TX/LCD_SEG28/FSMC_D13 78 K8 56 - - PD9 I/O FT PD9 USART3_RX/LCD_SEG29/FSMC_D14 79 J12 57 - - PD10 I/O FT PD10 USART3_CK/LCD_SEG30/FSMC_D15 80 J11 58 - - PD11 I/O FT PD11 USART3_CTS/LCD_SEG31/FSMC_A16 81 J10 59 - - PD12 I/O FT PD12 TIM4_CH1 / USART3_RTS/LCD_SEG32/FSMC_A17 Table 9. STM32L15xxD pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions |