| 전자부품 데이터시트 검색엔진 |
|
AS8506 데이터시트(PDF) 54 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8506 데이터시트(HTML) 54 Page - ams AG |
|
54 / 89 page ![]() AS8506 – 54 ams Datasheet, Confidential:2013-Sep [1-00] Devic e I n te r f ac e Figure 49: Cell Lower Threshold Status Register Address Register Name Features and Bit Description SPI4 SPI3 POR Value 0x02 cel_low_thsld_stat_reg Indicates if a cell voltage crossed the lower threshold limit set by μC. RR 0000_0000 POR_V5V D0 0 → Cell 1 voltage is more than Low Threshold limit set 1 → Cell 1 voltage is less than Low Threshold limit set D1 0 → Cell 2 voltage is more than Low Threshold limit set 1 → Cell 2 voltage is less than Low Threshold limit set D2 0 → Cell 3 voltage is more than Low Threshold limit set 1 → Cell 3 voltage is less than Low Threshold limit set D3 0 → Cell 4 voltage is more than Low Threshold limit set 1 → Cell 4 voltage is less than Low Threshold limit set D4 0 → Cell 5 voltage is more than Low Threshold limit set 1 → Cell 5 voltage is less than Low Threshold limit set D5 0 → Cell 6 voltage is more than Low Threshold limit set 1 → Cell 6 voltage is less than Low Threshold limit set D6 0 → Cell 7 voltage is more than Low Threshold limit set 1 → Cell 7 voltage is less than Low Threshold limit set D7 Reserved |