| 전자부품 데이터시트 검색엔진 |
|
AS8506 데이터시트(PDF) 57 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8506 데이터시트(HTML) 57 Page - ams AG |
|
57 / 89 page ![]() ams Datasheet, Confidential:2013-Sep [1-00] AS8506 – 57 Devic e I n te r f ac e Figure 52: Temperature Status Register Address Register Name Features and Bit Description SPI4 SPI3 POR Value 0x05 temp_stat_reg Indicates the status of temperature monitors. RR 0000_0000 POR_V5V D0 0 → Ambient temperature is less than warning threshold 1 → Ambient temperature is more than warning threshold D1 0 → Internal temperature is less than warning threshold 1 → Internal temperature is more than warning threshold D2 0 → Ambient temperature is less than maximum threshold 1 → Ambient temperature is more than maximum threshold D3 0 → Internal temperature is less than maximum threshold 1 → Internal temperature is more than maximum threshold D7:D4 Reserved |