전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8506 데이터시트(PDF) 64 Page - ams AG

부품명 AS8506
상세설명  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8506 데이터시트(HTML) 64 Page - ams AG

Back Button AS8506 Datasheet HTML 60Page - ams AG AS8506 Datasheet HTML 61Page - ams AG AS8506 Datasheet HTML 62Page - ams AG AS8506 Datasheet HTML 63Page - ams AG AS8506 Datasheet HTML 64Page - ams AG AS8506 Datasheet HTML 65Page - ams AG AS8506 Datasheet HTML 66Page - ams AG AS8506 Datasheet HTML 67Page - ams AG AS8506 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
AS8506 – 64
ams Datasheet, Confidential:2013-Sep [1-00]
Devic e I n te r f ac e
Figure 72:
SPI3 Status Register
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x19
spi3_sts_reg
This register has status of the latest SPI3
operation.
RR
0000_0000
POR_V5V
D0
0
→ No CRC error.
1
→ CRC error for data from
Master to Slave
D1
0
→ No CRC error.
1
→ CRC error for data from
Slave to Master
D2
0
→ Start address allocation
process write pass
1
→ Start address allocation
process write fail
D7:D3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89