전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM5259165B 데이터시트(PDF) 35 Page - Elpida Memory

부품명 HM5259165B
상세설명  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B 데이터시트(HTML) 35 Page - Elpida Memory

Back Button HM5259165B Datasheet HTML 31Page - Elpida Memory HM5259165B Datasheet HTML 32Page - Elpida Memory HM5259165B Datasheet HTML 33Page - Elpida Memory HM5259165B Datasheet HTML 34Page - Elpida Memory HM5259165B Datasheet HTML 35Page - Elpida Memory HM5259165B Datasheet HTML 36Page - Elpida Memory HM5259165B Datasheet HTML 37Page - Elpida Memory HM5259165B Datasheet HTML 38Page - Elpida Memory HM5259165B Datasheet HTML 39Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
35
READ to PRECHARGE Command Interval (same bank): To stop output data
CAS Latency = 2, Burst Length = 1, 2, 4, 8
CLK
Command
Dout
READ
PRE/PALL
out A0
lHZP =2
High-Z
CAS Latency = 3, Burst Length = 1, 2, 4, 8
CLK
Command
Dout
READ
PRE/PALL
out A0
lHZP =3
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63