전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LXT970ATC 데이터시트(PDF) 5 Page - Intel Corporation

부품명 LXT970ATC
상세설명  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC 데이터시트(HTML) 5 Page - Intel Corporation

  LXT970ATC Datasheet HTML 1Page - Intel Corporation LXT970ATC Datasheet HTML 2Page - Intel Corporation LXT970ATC Datasheet HTML 3Page - Intel Corporation LXT970ATC Datasheet HTML 4Page - Intel Corporation LXT970ATC Datasheet HTML 5Page - Intel Corporation LXT970ATC Datasheet HTML 6Page - Intel Corporation LXT970ATC Datasheet HTML 7Page - Intel Corporation LXT970ATC Datasheet HTML 8Page - Intel Corporation LXT970ATC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Datasheet
5
Dual-Speed Fast Ethernet Transceiver — LXT970A
Figures
1
LXT970A Block Diagram ....................................................................................... 9
2
LXT970A Pin Assignments ................................................................................. 10
3
Network Interface Card (NIC) Application .......................................................... 18
4
MII Interface ....................................................................................................... 20
5
MII Data Interface ...............................................................................................21
6
Loopback Paths .................................................................................................. 23
7
Repeater Block Diagram .................................................................................... 24
8
MDIO Interrupt Signaling .................................................................................... 25
9
Management Interface - Read Frame Structure ................................................. 25
10
Management Interface - Write Frame Structure ................................................. 25
11
LXT970A Initialization Sequence ....................................................................... 30
12
Auto-Negotiation Operation ................................................................................ 31
13
100BASE-TX Frame Structure ........................................................................... 33
14
100BASE-TX Data Flow ..................................................................................... 33
15
LXT970A Protocol Sublayers ............................................................................. 36
16
100BASE-TX Reception with No Errors ............................................................. 37
17
100BASE-TX Reception with Invalid Symbol .................................................... 37
18
100BASE-TX Transmission with No Errors ....................................................... 37
19
100BASE-TX Transmission with Collision ......................................................... 37
20
Voltage Divider ................................................................................................... 45
21
Typical Interface Circuitry ................................................................................... 46
22
MII - 100BASE-TX Receive Timing / 4B Mode ................................................... 51
23
MII - 100BASE-TX Transmit Timing / 4B Mode ................................................. 52
24
MII - 100BASE-TX Receive Timing / 5B Mode ................................................... 53
25
100BASE-TX Transmit Timing / 5B Mode .......................................................... 54
26
MII - 100BASE-FX Receive Timing / 4B Mode ................................................... 55
27
MII - 100BASE-FX Transmit Timing / 4B Mode ..................................................56
28
MII - 10BASE-T Receiving Timing ...................................................................... 57
29
MII - 10BASE-T Transmit Timing ....................................................................... 58
30
10BASE-T SQE (Heartbeat) Timing ................................................................... 59
31
10BASE-T Jab and Unjab Timing ...................................................................... 59
32
Auto Negotiation and Fast Link Pulse Timing .................................................... 60
33
Fast Link Pulse Timing ....................................................................................... 60
34
MDIO Timing when Sourced by STA ................................................................. 61
35
MDIO Timing when Sourced by PHY ................................................................. 61
36
Power-Down Recovery Timing (Over Recommended Range) ........................... 62
37
PHY Identifier Bit Mapping ................................................................................. 66
38
64-Pin QFP Package Diagram ........................................................................... 73
39
64-Pin TQFP Package Diagram ......................................................................... 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74