| 전자부품 데이터시트 검색엔진 |
|
UM1634 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 43 page ![]() DocID024601 Rev 3 17/43 UM1634 API specification 3.6.4 FlashProgram() Description The 'FlashProgram()' API programs the specified Flash areas with the provided source data. Input arguments together with relevant Flash module status are checked, and relevant error code is returned if there is any error. Prototype UINT32 FlashProgram (PSSD_CONFIG pSSDConfig, UINT32 dest, UINT32 size, UINT32 source, void (*CallBack)(void)); Arguments Table 14. Arguments for FlashProgram() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 3.3 for more details. Dest Destination address to be programmed in Flash memory. Any accessible address aligned on double word boundary in main array or shadow row. Size Size, in bytes, of the Flash region to be programmed. If size = 0, C90FL_OK is returned. It should be multiple of 8 and its combination with dest should fall in either main array or shadow row. source Source program buffer address. This address must reside on word boundary. CallBack Address of void call back function pointer. Any addressable void function address. To disable it use NULL_CALLBACK macro. |