| 전자부품 데이터시트 검색엔진 |
|
UM1634 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 43 page ![]() API specification UM1634 30/43 DocID024601 Rev 3 Arguments Table 37. Arguments for FlashDepletionRecover() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure The values in this structure are chip- dependent. Please refer to Section 3.3 for more details. shadowFlag Indicate either the main array or the shadow row to be recovered. 04- Shadow row not to be recovered. 05- Shadow row of bank0 to be erased i.e. Shadow Row0 to be recovered. 06- Shadow row of bank1 to be erased i.e. Shadow Row1 to be recovered. 07- Both the shadow rows to be recovered lowEnabledBlocks To select the array blocks in linear logical low address space for recovering (refer to Section 2.1: General overview for more details). Refer to section Arguments, in Section 3.6.2 for details. midEnabledBlocks To select the array blocks in linear logical mid address space for recovering (refer to Section 2.1: General overview for more details). Refer to section Arguments, in Section 3.6.2 for details. highEnabledBlocks To select the array blocks in linear logical high address space for recovering (refer to Section 2.1: General overview for more details). Refer to section Arguments, in Section 3.6.2 for details. CallBack Address of void call back function pointer. Any addressable void function address. To disable it, use NULL_CALLBACK macro. |