| 전자부품 데이터시트 검색엔진 |
|
UM1634 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 43 page ![]() DocID024601 Rev 3 25/43 UM1634 API specification Return values Comments This function resumes one operation if there is any operation is suspended. For instance, if a program operation is in suspended state, it is resumed. If an erase operation is in suspended state, it is resumed too. If an erase-suspended program operation is in suspended state, the program operation is resumed prior to resuming the erase operation. It is better to call this function based on suspendFlag returned from ‘FlashSupend()’. Following table defines and describes various resume states and associated resume codes. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 3.6.9 GetLock() Description The 'GetLock()' API checks the block locking status of Shadow/Low/Middle/High address spaces in the C90FL module. Prototype UINT32 GetLock (PSSD_CONFIG pSSDConfig, UINT8 blkLockIndicator, BOOL *blkLockEnabled, UINT32 *blkLockState); Table 26. Return values for FlashResume() Return Values Possible Causes Solution C90FL_OK Successful completion. Table 27. resumeState definitions Code name Value Description RES_NOTHING 0 No program/erase operation to be resumed RES_PGM 1 A program operation is resumed RES_ERS 2 A erase operation is resumed RES_ERS_PGM 3 A suspended erase-suspended program operation is resumed |