| 전자부품 데이터시트 검색엔진 |
|
UM1634 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 43 page ![]() DocID024601 Rev 3 29/43 UM1634 API specification Return values Comments The bit field allocation for blkLockState is same as that in ‘GetLock()’ function. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 3.6.11 FlashDepletionRecover() Description This function recovers over-erased or depleted bits in flash block. It is possible that a brownout during Flash erase operation will leave the bits in the Flash block(s) being erased at an over-erased or depleted state. Depending how depleted the bits are, the excessive column leakage caused by the bits might cause the following erase operation for brownout recovery to fail due to suppressed drain bias. For such case, this function invok to recover the depleted bits in those Flash block(s) so that they can be erased again for brownout recovery. Prototype UINT32 FlashDepletionRecover (PSSD_CONFIG pSSDConfig, UINT8 shadowFlag, UINT32 lowEnabledBlocks, UINT32 midEnabledBlocks, UINT32 highEnabledBlocks, void (*CallBack)(void)); Table 36. Return values for SetLock() Return Values Possible Causes Solution C90FL_ERROR_LOCK_INDICATOR The input blkLockIndicator is invalid. Set this argument to correct value listed in Table 30 C90FL_ERROR_PASSWORD The given password cannot enable the block lock register for register writes. Pass in a correct password C90FL_OK Successful completion |