| 전자부품 데이터시트 검색엔진 |
|
UM1634 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1634 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 43 page ![]() API specification UM1634 24/43 DocID024601 Rev 3 The values of EHV, ERS, ESUS, PGM, PSUS and PEAS represent the C90FL status at the entry of FlashSuspend; 0: Logic zero; 1: Logic one; X: Do-not-care . Note: Since there are two Flash banks in SPC564Axx, user can perform following operations in respective blocks: — Erase can be suspended in any of the LAS blocks from 0 to 9 and program can be performed on block 10 and block11 of LAS or vice-versa. — Erase can be suspended in MAS block 0 and program can be performed in MAS block 1 or vice-versa. — Erase can be suspended in any of the LAS or MAS blocks and program can be performed in HAS blocks or vice-versa. — LAS and MAS blocks can be programmed or erased simultaneously without any suspend operation. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 3.6.8 FlashResume() Description The 'FlashResume()' API checks if there is any suspended erase or program operation on the C90FL module, and resumes the suspended operation if there is any. Prototype UINT32 FlashResume (PSSD_CONFIG pSSDConfig, UINT8 *resumeState); Arguments SHADOW_ERS_SUS 1 1 0 0 X 1 TRUE X1 1 0 X 1 FALSE ERS_SUS_PGM_SUS 1 1 1 1 0 X TRUE X1 1 1 1 X FALSE Table 24. Suspending state and flag vs. C90FL status (continued) suspendState EHV ERS ESUS PGM PSUS PEAS suspendFlag Table 25. Arguments for FlashResume() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 3.3 for more details. resumeState Indicate the resume state of C90FL module after the function being called. All return values are listed in Table 26. |