전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3108 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN3108
상세설명  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 10Page - STMicroelectronics AN3108 Datasheet HTML 11Page - STMicroelectronics AN3108 Datasheet HTML 12Page - STMicroelectronics AN3108 Datasheet HTML 13Page - STMicroelectronics AN3108 Datasheet HTML 14Page - STMicroelectronics AN3108 Datasheet HTML 15Page - STMicroelectronics AN3108 Datasheet HTML 16Page - STMicroelectronics AN3108 Datasheet HTML 17Page - STMicroelectronics AN3108 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
STLM75 library firmware
AN3108
14/44
Doc ID 16793 Rev 1
TempSensorObj API types/properties/functions
This section describes the TempSensor structure, all its exported API functions and all the
defined types. See Figure 2.
Below you can find a description of the defined types used by the TempSensor object
source code and a description of its properties and methods. Except for TempSensorType,
all API layer types are defined in the TempSensorTypes.h file.
TempSensorType type
The TempSensorType is defined in the following TempSensorObj.h file. The final
TempSensor object is an instance of this defined structure.
The following described structure type can be considered as an OOP-class including private
and public properties and public methods.
All the structure fields with a prefix name of 'm_' can be considered as private properties.
This means these structure fields must not be directly accessed by the final application and
Getxxx methods should be used instead. Clearly the final application could access these
private members, but it should NEVER do so.
The final application must interact with this library using the following public properties and
methods only, as described in Figure 2 and in the following sections.
#define TEMP_SENSOR_OBJ
/* Temperature Sensor definition */ \
/*
*/ \
/* PRIVATE PROPERTIES */ \
TS_u8
m_Configuration;
\
TS_TemperatureType
m_Temperature;
\
TS_TemperatureType
m_TempHysteresis;
\
TS_TemperatureType
m_TempOverLimit;
\
TS_RegistersType
m_Registers;
\
TS_I2C_SettingsType m_I2C_Settings;
\
/*
*/ \
/* PUBLIC PROPERTIES */ \
TS_SignalsType
Signals;
/* The Micro/STLM75 signals */ \
TS_u32
TimeoutTicks; /* Timeout in ticks */ \
/*
*/ \
/* PUBLIC METHODS
*/ \
TS_ErrStatus
(*Init)
(TempSensorType*);
\
TS_ErrStatus
(*Reset)
(TempSensorType*);
\
TS_ErrStatus
(*SetI2C_Settings)
(TempSensorType*,
TS_I2C_SettingsType* pI2C_Settings); \
TS_ErrStatus
(*SetSignals)
(TempSensorType*,
TS_SignalsType* pSignals); \



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44