전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3108 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN3108
상세설명  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 13Page - STMicroelectronics AN3108 Datasheet HTML 14Page - STMicroelectronics AN3108 Datasheet HTML 15Page - STMicroelectronics AN3108 Datasheet HTML 16Page - STMicroelectronics AN3108 Datasheet HTML 17Page - STMicroelectronics AN3108 Datasheet HTML 18Page - STMicroelectronics AN3108 Datasheet HTML 19Page - STMicroelectronics AN3108 Datasheet HTML 20Page - STMicroelectronics AN3108 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
17/44
} TS_SignType;
TS_RegistersType type
/* The STLM75 Registers */
typedef struct {
TS_Reg8Type TS_PointerReg;
/* Command-Pointer register */
TS_Reg8Type TS_ConfigReg;
/* Configuration register */
TS_Reg16Type TS_TemperatureReg; /* Temperature register */
TS_Reg16Type TS_HysteresisReg;
/* Hysteresis temp.register */
TS_Reg16Type TS_OverLimitReg;
/* Over-limit temp.register */
} TS_RegistersType;
TS_TemperatureType type
/* The STLM75 Temperature */
typedef struct {
TS_SignType
TS_Sign;
/* Positive or negative sign */
TS_u8
TS_IntegerValue; /* Integer part of the value */
TS_u8
TS_DecimalValue; /* Decimal part of the value */
} TS_TemperatureType;
TS_SignalsType type
/* The STLM75 Signals */
typedef struct {
TS_SignalType
TS_SCL;
TS_SignalType
TS_SDA;
TS_SignalType
TS_OS_INT;
} TS_SignalsType;
TempSensor:: Signals API property
The TempSensor structure exports the following public property:
TS_SignalsType
Signals;
The signals property contains the SCL, SDA, and OS_INT pin configuration. This property is
redundant because the final application can use GetSignals and SetSignals API layer
functions in order to manage signals property. The property has been left as public for utility
scope only. It is recommended that the final application instead uses GetSignals and
SetSignals functions to directly access signals public property.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44