| 전자부품 데이터시트 검색엔진 |
|
AN3108 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3108 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 44 page ![]() AN3108 STLM75 library firmware Doc ID 16793 Rev 1 33/44 TS_CheckEventWithTimeout HAL function Table 23 describes the TS_CheckEventWithTimeout function of the hardware abstraction layer. TS_FillDataFromRegister HAL function Table 24 describes the TS_FillDataFromRegister function of the hardware abstraction layer. Table 23. TS_CheckEventWithTimeout Name Description Function name TS_CheckEventWithTimeout Function prototype TS_ErrStatus TS_CheckEventWithTimeout(TS_I2C_SettingsType* pI2C_Settings, u32 I2C_EVENT, u32 uTimeoutTicks) Behavior description Check the I2C event inside a max timeout time. This function requires that the g_TempSensorTick variable is defined as extern in the main application, and it is incremented in SysTickHandler Interrupt or another scheduler time. Input parameter {x} pI2C_Settings - I2C peripheral settings structure pointer; I2C_EVENT - The I2C event to check; uTimeoutTicks - The g_TempSensorTick to wait before return an error; uTimeoutTicks must be >=1. Output parameter {x} None Return value TS_OK if event occurs inside the timeout time, TS_ERROR otherwise Required preconditions g_TempSensorTick variable is defined as extern in the main application, and it is incremented in a scheduler time. Called functions None Table 24. TS_FillDataFromRegister Name Description Function name TS_FillDataFromRegister Function prototype TS_ErrStatus TS_FillDataFromRegister(TS_I2C_SettingsType* pI2C_Settings,TS_u16* pReadRegValue, TS_RegLengthType eRegLenType, u32 uTimeoutTicks) Behavior description Read from the specified STLM75 a register value (8 or 16 bits) and return the value in output parameter. Warning: SetPointerRegister function MUST be called before calling this one. Input parameter {x} pI2C_Settings - I2C peripheral settings structure pointer; eRegLenType - Register byte-length type (Can be 1-Byt or 2-Byte); uTimeoutTicks - The g_TempSensorTick to wait before returning an error; uTimeoutTicks must be >=1. |