전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3108 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 AN3108
상세설명  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 33Page - STMicroelectronics AN3108 Datasheet HTML 34Page - STMicroelectronics AN3108 Datasheet HTML 35Page - STMicroelectronics AN3108 Datasheet HTML 36Page - STMicroelectronics AN3108 Datasheet HTML 37Page - STMicroelectronics AN3108 Datasheet HTML 38Page - STMicroelectronics AN3108 Datasheet HTML 39Page - STMicroelectronics AN3108 Datasheet HTML 40Page - STMicroelectronics AN3108 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AN3108
Example application
Doc ID 16793 Rev 1
37/44
// STLM75 TEMPERATURE SENSOR DEFINES
// Temperature sensor controller signal
#define TMP_I2C_PERIPHERAL
I2C2
#define TMP_I2C_SLAVE_ADDR7
0x90
// 1001 0000
#define TMP_I2C_CLOCK_SPEED
400000 //400Khz
#define TMP_SCL_PORT
GPIOB
#define TMP_SCL_PIN
GPIO_Pin_10
#define TMP_SCL_MODE
GPIO_Mode_AF_OD
#define TMP_SDA_PORT
GPIOB
#define TMP_SDA_PIN
GPIO_Pin_11
#define TMP_SDA_MODE
GPIO_Mode_AF_OD
#define TMP_OS_INT_PORT
GPIOB
#define TMP_OS_INT_PIN
GPIO_Pin_12
#define TMP_OS_INT_MODE
GPIO_Mode_AF_PP
/* Private macro ------------------------------------------------*/
/* Private variables --------------------------------------------*/
ErrorStatus HSEStartUpStatus;
/* Private function prototypes ----------------------------------*/
void RCC_Configuration
(void);
void NVIC_Configuration
(void);
void SysTick_Configuration(void);
void STLM75_Configuration (TempSensorType* pObjTempSensor);
/* Private functions --------------------------------------------*/
/******************************************************************
* Function Name
: Main
* Description
: Main program.
* Input
: None
* Output
: None
* Return
: None
******************************************************************/
int main(void)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44