전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3108 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 AN3108
상세설명  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 31Page - STMicroelectronics AN3108 Datasheet HTML 32Page - STMicroelectronics AN3108 Datasheet HTML 33Page - STMicroelectronics AN3108 Datasheet HTML 34Page - STMicroelectronics AN3108 Datasheet HTML 35Page - STMicroelectronics AN3108 Datasheet HTML 36Page - STMicroelectronics AN3108 Datasheet HTML 37Page - STMicroelectronics AN3108 Datasheet HTML 38Page - STMicroelectronics AN3108 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
35/44
TS_SetPointerRegister HAL function
Table 26 describes the TS_SetPointerRegister function of the hardware abstraction layer.
Table 26.
TS_SetPointerRegister
Name
Description
Function name
TS_SetPointerRegister
Function prototype
TS_ErrStatus TS_SetPointerRegister(TS_I2C_SettingsType*
pI2C_Settings,
TS_RegPointerType eRegPointer, u32
uTimeoutTicks)
Behavior description
Set the STLM75 Command/Pointer register, before executing a Read/Write
operation on STLM75 register
Input parameter {x}
pI2C_Settings - I2C peripheral settings structure pointer;
eRegLenType - Register byte-length type (Can be 1-Byt or 2-Byte);
uTimeoutTicks - The g_TempSensorTick to wait before returning an error;
uTimeoutTicks must be >=1.
Output parameter {x}
None
Return value
TS_OK if successful, TS_ERROR otherwise
Required preconditions
None
Called functions
TS_ErrStatus TS_CheckEventWithTimeout(…)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44