전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN308 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN308
상세설명  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 2Page - STMicroelectronics AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Triggering methods
AN308
6/16
1.3
Triggering synchronized by the mains voltage and suitable
for industrial applications
This new circuit is derived from the previous one by improving the triggering pulse
generator. The improvement consists of maintaining the triggering signal during each half
wave between values
θ and 180°. This is done simply by sending a pulse train after the
initial pulse so as to maintain the triggering order, as shown in Figure 7.
Figure 7.
Triggering by pulse train synchronization by the mains voltage
For example, suppose that angle
ϕ is equal to 85° and θ is equal to 60°. At the first pulse,
the TRIAC is turned on at point A (60°). It conducts for angle
α1 greater than 180° and close
to 240°. It is blocked at point B, but is immediately triggered at point B’ by the next gate
pulse. During the first half-waves, operation is slightly asymmetrical but gradually the
durations of conduction become balanced (refer to the dotted line curve in Figure 7).
Figure 8 gives the circuit diagram. A small sensitive auxiliary TRIAC, Ts, is used to produce
the required pulse train. The delay time constant, defined by capacitor C, compensating
resistor Rt and potentiometer P, sets the angle
θ. The capacitor charges from 0 V. DIAC D
triggers TRIAC T as soon as the capacitor voltage reaches the DIAC breakover voltage
(Vbo). This time is the same for both half-waves, it just depends on Vbo symmetry.
A first pulse is applied to the gate of the main TRIAC, T. A voltage pulse occurs across Rd
and triggers sensitive TRIAC Ts. Once turned on, this Ts bypasses potentiometer P. Thus
the remaining charging cycles of the capacitor have a much shorter time constant Rt · C.
Mains voltage
Gate pulse
ϕ : Current lag full angle
β : Blocking of triac
α1 : 1st angle of conduction
α2 : 2nd angle
T
T
T
β
α 1
A
B
full angle
α 2
θ
θ
ϕ
θ : Triggering delay time
TRIAC voltage
TRIAC current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com