전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN308 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN308
상세설명  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AN308
Triggering methods
7/16
Figure 8.
Circuit with triggering by pulse train synchronization by mains voltage
This results in a train of pulses being applied to the gate of TRIAC, T. In this way T is
retriggered into conduction instead of remaining blocked as in the previous circuit.
The pulse train continues until the mains voltage crosses the zero point, at which time
TRIAC Ts, supplied through a resistive load, turns off.
For the following half-cycle, the time constant is once more determined by the capacitor and
the potentiometer. This half cycle is then symmetrical to the previous one..
To sum up, the improved triggering circuit synchronized by the mains voltage has a number
of advantages.
●
Low cost
●
Excellent control accuracy
●
No need for auxilliary power supply
●
Operation with all types of loads (different cos
ϕ or variable cos ϕ values)
●
No risk of failure over the whole adjustment range
This circuit has been developed by the STMicroelectronics applications laboratory and used
with success for a wide range of equipment.
1.4
Conclusion
The tricky control of an inductive load requires a critical choice of triggering circuit. The first
two circuits described here give the user a very limited adjustment range. A universal circuit
can be obtained by taking into account two main factors:
●
To reach perfect symmetry of the first gate pulses in positive and negative half-cycles,
the triggering circuit should be synchronized by the mains voltage.
●
The phase angle variation allows perfect symmetry of the current if the TRIAC is
continuously triggered.
The circuit described in the Section 1.3: Triggering synchronized by the mains voltage and
suitable for industrial applications on page 6 combines these two principles in a very simple
way. It allows complete variation of power with an inductive load without particular problems.
It can thus serves as the basis for a universal circuit for control an inductive load by phase
splitting.
AC Mains
C
ZL
T
D
Ts
Rd
Rt
P
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com