전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN308 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN308
상세설명  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 데이터시트(HTML) 4 Page - STMicroelectronics

  AN308 Datasheet HTML 1Page - STMicroelectronics AN308 Datasheet HTML 2Page - STMicroelectronics AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Triggering methods
AN308
4/16
1.2
Triggering with synchronization by the mains voltage
This triggering circuit of Figure 4 is synchronized by the mains voltage. The pulses are
always shifted by 180° with respect to each other, whatever the type of load.
Figure 4.
Typical circuit - synchronization by mains voltage
Figure 5.
Synchronization by the mains voltage - waveforms
Angle
θ is the delay between the mains zero voltage and the triggering pulse. It can be
adjusted by means of potentiometer, P, from 0 to 180° to vary the load voltage. The current
in an inductive load (L.R) lags the voltage by an angle
ϕ: (tan ϕ = ω · L/ R).
For triggering angles,
θ, higher than ϕ, operation is perfectly symmetrical and stable.
This simple circuit can still present the risk of a fault in the case where
θ is smaller than ϕ, as
shown in Figure 6.
As an example, take the case of a highly inductive load and an angle
θ = 60°. The TRIAC is
turned on at point A (60°). It conducts over more than 180°, up around 230°. It is blocked at
point B: (290°).
AC Mains
C
ZL
T
D
P
Rt
1
2
Mains voltage
T
Gate pulse
ϕ : Current lag (full angle)
β : Blocking of the component
α : Angle of conduction
T
β
T
ϕ
full angle
α
θ
θ
A
A
θ : Triggering delay angle
TRIAC voltage
TRIAC current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com