전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN308 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN308
상세설명  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics AN308 Datasheet HTML 12Page - STMicroelectronics AN308 Datasheet HTML 13Page - STMicroelectronics AN308 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application examples
AN308
10/16
2.3
Pulse-train triggering circuit
The schematic in Figure 11 shows a typical circuit for welding equipment. Potentiometer P2
is used for accurate control of the maximum turn-on delay. DB1 diode bridge and R6-R7
resistors are used to discharge C1 at each line zero voltage. This resets the voltage charge
at each new half line cycle, and keeps the same turn-on delay.
The Transil reduces power dissipation through both potentiometers.
Figure 11.
Power variation circuit for arc welding transformer
AC Mains
C1
100n
ignition
Arc
220 - 45V
Transformer
2300 VA
1k
R2
27K
R3
150K
R4
P1
220K
P2
1M
10K 7W
R8
10K
R5
R7
27k 1W
27K 1W
R6
DB3
BTA40 -600B
220 1/2W
R1
C2
100nF 400V
Z0103MA
1.5KE68A
-
+
DB2
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com