전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN308 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN308
상세설명  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 데이터시트(HTML) 3 Page - STMicroelectronics

  AN308 Datasheet HTML 1Page - STMicroelectronics AN308 Datasheet HTML 2Page - STMicroelectronics AN308 Datasheet HTML 3Page - STMicroelectronics AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN308
Triggering methods
3/16
The second turn-on occurs at a very low voltage and the angle
α’ is much smaller than α.
The following period begins under similar conditions and the unbalance persists. This type
of asymmetrical operation is not only unacceptable but can be dangerous (high current due
to load magnetic saturation due to the dc content of the waveform).
The unbalance is illustrated for a particular case, starting from zero of the mains voltage.
Other causes also produce this behavior
●
variation of the load impedance, for example, with motors, due to torque variation
●
modification of the control turn-on angle
This phenomenon is due to the fact that the circuit does not take its time reference from the
mains zero voltage. Rather, the synchronization is taken from the voltage across the TRIAC,
which is dependent on the load current, that is, on the load phase shift.
Figure 3.
Synchronization across the TRIAC - waveforms (delayed turn on)
To sum up, this first very simple triggering circuit, synchronized by the voltage across the
TRIAC, has the following characteristics:
●
Advantages:
–
Simple design and low cost
–
Connection by two wires, without polarity issue
–
Absence of a separate power supply
–
Little power dissipated in P and Rt
●
A serious disadvantage:
–
Because of its principle, this circuit cannot be used for highly inductive loads with a
narrow conduction angle because it can result in unacceptable asymmetrical
operation.
This very simple triggering circuit should be reserved for low-cost applications with the
following characteristics:
●
Resistive or slightly inductive loads
●
No stringent requirements concerning the accuracy of regulation
●
Highly inductive loads where the power varies between 85 and 100% of the maximum
power
α
full angle
β
Mains voltage
Gate pulse
β
B
ϕ
A
α'
C
T
T
T
TRIAC voltage
TRIAC current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com