전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2647 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 AN2647
상세설명  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 23Page - STMicroelectronics AN2647 Datasheet HTML 24Page - STMicroelectronics AN2647 Datasheet HTML 25Page - STMicroelectronics AN2647 Datasheet HTML 26Page - STMicroelectronics AN2647 Datasheet HTML 27Page - STMicroelectronics AN2647 Datasheet HTML 28Page - STMicroelectronics AN2647 Datasheet HTML 29Page - STMicroelectronics AN2647 Datasheet HTML 30Page - STMicroelectronics AN2647 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
AN2647
Interfacing with synchronous memory
27/34
EMI read and write asynchronous bus cycle
The EMI configurations in Table 8 will generate the write and read timing as shown in
Figure 14. The EMI_ALE signal, which indicates the start of a bus cycle, is connected to the
ADV# pin. The MT45W4M latches the address "33h" at the rising edge of EMI_ALE, and
then latches the write data "CDh" at the rising edge of EMI_WEn. Please note the
MT45W4M ignores the inputs on its address pins after the address latching. This allows the
EMI to take over the AD bus and drive the data "CDh".
Figure 14.
EMI bus write and read bus cycles in asynchronous mode
Note:
For your reference an asynchronous software example is delivered with this application
note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34