| 전자부품 데이터시트 검색엔진 |
|
AN3255 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3255 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 24 page ![]() AN3255 Application description Doc ID 17784 Rev 1 9/24 Figure 3. TAG state transition diagram 1.3 Hardware requirements The following STM8S-DISCOVERY on-board resources are used: ● LED LD1 Refer Table 2, Table 3, Table 4, and Table 5 for the list of additional hardware required to make this application software run on the STM8S-DISCOVERY. Power-off Ready Inventory Selected Deselected Desactivated Chip_ID8bits = RND Select(Chip_ID) Read_block() Write_block() Get_UID() Completion() Select(Chip_ID) Selct( != Chip_ID) Select (Chip_ID) Reset_to_inventory() Initiate() or Pcall16() or Slot_marker(SN) or Select(wrong Chip_ID) Initiate() On field Out of field Out of field Out of field Out of field Out of field ai18400 Table 2. List of PCB passive components Component description Value Comment Resistors R1 N/A Hardwired addressing of the CR14 (bits b3, b2, and b1 of the 7-bit I2C Device Select Code. Allow up to 7 CR14 readers to be addressed on the same I2C bus R2 0 Ω R3 N/A R4 0 Ω R5 N/A R6 0 Ω R7 0 Ω - |