전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3255 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN3255
상세설명  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 7Page - STMicroelectronics AN3255 Datasheet HTML 8Page - STMicroelectronics AN3255 Datasheet HTML 9Page - STMicroelectronics AN3255 Datasheet HTML 10Page - STMicroelectronics AN3255 Datasheet HTML 11Page - STMicroelectronics AN3255 Datasheet HTML 12Page - STMicroelectronics AN3255 Datasheet HTML 13Page - STMicroelectronics AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN3255
Application description
Doc ID 17784 Rev 1
11/24
1.4
Application schematics
Figure 4 shows the contactless reader implementation schematics. The reader is made of
two parts:
●
STMicroelectronics RFID reader PCB based on the CR14 short range contactless
coupler (see Section 1.2.1).
●
The STM8S-DISCOVERY which STM8S105C6T6 microcontroller controls the
bidirectional communications with the CR14 through the I2C serial bus (refer to the
CR14 datasheet).
Other
Piezo buzzer
5 V operating voltage
Supports 4 KHz input frequency
Table 5.
List of other passive components (continued)
Component description
Value
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24