| 전자부품 데이터시트 검색엔진 |
|
AN3255 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3255 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() AN3255 Application description Doc ID 17784 Rev 1 5/24 1 Application description 1.1 Overview This application is built around a short range RFID reader PCB developed by STMicroelectronics. The PCB Gerber files and the user manual "CR14 and CRX14 reference design PCB Gerber files" (UM0672) are available from http://www.st.com. This board is designed to be connected to a digital host, in this case an STM8S- DISCOVERY, which manages data transmission and reception through an I2C interface (see Figure 1). The tags supported by this application must be based on ST contactless memories compliant with ISO 14443 part2 type-B standard for the radio-frequency power and signal interface. This application has been tested using a tag based on ST SRI2K short range contactless EEPROM. Refer to application note AN2866 explaining how to design a 13.56 MHz tag antenna. Figure 1. Short range RFID reader solution STLINK SO16 footprint RP1 RP2 Buzzer Resistors RFID reader PCB STMicroelectronics CR14 I2C bus STM8S-DISCOVERY |