전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3255 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN3255
상세설명  Building an RFID short-range reader using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3255 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN3255 Datasheet HTML 14Page - STMicroelectronics AN3255 Datasheet HTML 15Page - STMicroelectronics AN3255 Datasheet HTML 16Page - STMicroelectronics AN3255 Datasheet HTML 17Page - STMicroelectronics AN3255 Datasheet HTML 18Page - STMicroelectronics AN3255 Datasheet HTML 19Page - STMicroelectronics AN3255 Datasheet HTML 20Page - STMicroelectronics AN3255 Datasheet HTML 21Page - STMicroelectronics AN3255 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Software description
AN3255
18/24
Doc ID 17784 Rev 1
collision mechanism, the Chip_ID is stored by the host and sent as parameter to the
Select(Chip_ID) command issued by the host to the tag. The tag then switches directly to
the Selected state.
The Get_UID() command is then sent to the tag that answers by returning its 8 UID bytes.
The host emits a beep and lights LD1 for about 1 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24