| 전자부품 데이터시트 검색엔진 |
|
AN3375 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 73 page ![]() M24LRXX-R Layer AN3375 56/73 Doc ID 018637 Rev 1 4.1.4 Extension flag The protocol extension flag is set to ’1’ for the following functions as described in M24LRXX- R datasheet: ● M24LRXX_ReadSingleBlock ● M24LRXX_WriteSingleBlock ● M24LRXX_ReadMultipleBlocks ● M24LRXX_GetMultipleBlockSecutityStatus 4.2 M24LRXX-R layer commands Table 87. M24LRXX-R global functions Function name Brief description New or equivalent function M24LRXX_SelectProtocol ISO15693_SelectProtocol M24LRXX_CreateRequestFlag ISO15693_CreateRequestFlag M24LRXX_Inventory ISO15693_Inventory M24LRXX_InventoryOneSlot ISO15693_InventoryOneSlot M24LRXX_Inventory16Slots ISO15693_Inventory16Slots M24LRXX_SendEOF ISO15693_SendEOF M24LRXX_GetSystemInfo ISO15693_GetSystemInfo M24LRXX_ReadSingleBlock Send a read single block command New function M24LRXX_WriteSingleBlock Send a write single block command New function M24LRXX_ReadMultipleBlocks Send a read multiple block command New function M24LRXX_Select ISO15693_Select M24LRXX_ResetToReady ISO15693_ResetToReady M24LRXX_WriteAFI ISO15693_WriteAFI M24LRXX_LockAFI ISO15693_LockAFI M24LRXX_WriteDSFID ISO15693_WriteDSFID M24LRXX_LockDSFID ISO15693_LockDSFID M24LRXX_GetMultipleBlockSecutityStat us Send a Get multiple block security status command New function M24LRXX_StayQuiet ISO15693_StayQuiet |